PART |
Description |
Maker |
RTL8201E-GR RTL8201E-VB-GR RTL8201EL-VB-GR RTL8201 |
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER
|
Realtek
|
AT8985P |
6 Port 10/100 Mb/s Single Chip Ethernet Switch Controller
|
ATAN
|
RTL8308B |
REALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
RJMG16 RJMG163218101NR |
SINGLE PORT RJmag CONNECTOR SHIELD, WITH R&C TERMINATION 100/100 SINGLE PORT RJmog CONNECTOR SHIELD, WITH R&C TERMINATION 10/100
|
Amphenol Corporation
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
BCM532504 BCM5325 BCM5325FKQMG |
5-Port 10/100 Switch From old datasheet system FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER Unmanaged Integrated 10/100BASE-T/TX 5/6-Port Switch
|
BOARDCOM[Broadcom Corporation.] http://
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
AHTA-1611S |
10/100 Base T Single Port Transformer
|
Allied Components International
|
AR11-3780I |
SINGLE PORT RJ45 10/100 BASE-T
|
Allied Components International
|
AHTA-1609S |
10/100 Base T Single Port Transformer
|
Allied Components International
|